Part Number Hot Search : 
ML2308 HC49U SS400 BD144 29LV800 PT25H3 AN79M06 23990
Product Description
Full Text Search
 

To Download 08SR-3S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  )fbefs pvumjof $jsdvju /p   ?   ?  ?  ?  ? ?compact insulation displacement connector ?header designed for vacuum pick and place robotics ?twin u-slot insulation displacement section ?3-point grip construction ?through-hole type (sz) 1 jst 9 sr / sz connector 1.0mm pitch/disconnectable insulation displacement connectors emboss tape )fbefspvumjof    ?  ?  ?  ?  ?  ?  ?  ? 2.9 4.9 )fbefspvumjof  ?  ?  ?  ?  ?  ?  ?  ? specifications ?current rating: 0.7a dc ?voltage rating: 50v dc ?temperature range: -25?c to +85?c (including temperature rise in applying electrical current) ?contact resistance: initial value/20m ? max. after environmental testing/40m ? max. ?insulation resistance: 100m ? min. ?withstanding voltage: 500v ac/minute ?applicable wire: conductor size/awg #30 conductor/7 strands, tin-coated annealed copper insulation o.d./0.54 to 0.58mm * compliant with rohs. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. standards 0 recognized e60389 1 certified lr20812 note: 1. tolerances are non-cumulative: 0.05mm for all centers. 2. dimensions above should serve as a guideline. contact jst for details. 3. hole dimensions differ according to the kind of pc board and piercing method. 4. if using double-sided through-hole pc board, it is necessary to confirm the resistance to the soldering heat on the pc board to be used and the soldering condition. single sided paper based phenolic resin copper-clad pc board (t1.6) is recommended for a pcb used. pc board layout (viewed from component side) and assembly layout )fbefs pvumjof $jsdvju /p   ?   ?  ?  ?  ? top entry type side entry type side entry type top entry type
2 sr / sz connector #  "    b 2 3 4 5 6 7 8 9 10 11 12 13 14 02sr-3s 03sr-3s 04sr-3s 05sr-3s 06sr-3s 07sr-3s 08SR-3S 09sr-3s 10sr-3s 11sr-3s 12sr-3s 13sr-3s 14sr-3s 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 a 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 cir- cuits model no. material and finish contact: phosphor bronze, tin-plated (reflow treatment) housing: pa, ul94v-0, natural q ' ty / box dimensions (mm) b 3 4 5 6 7 8 9 11 14 b03b-sz b04b-sz b05b-sz b06b-sz b07b-sz b08b-sz b09b-sz b11b-sz *b14b-sz 2.0 3.0 4.0 5.0 6.0 7.0 8.0 10.0 13.0 5.2 6.2 7.2 8.2 9.2 10.2 11.2 13.2 16.2 9,405 7,920 6,765 5,940 5,280 ? ? ? ? 12,825 10,800 9,225 8,100 7,200 6,525 5,850 4,950 4,050 a s03b-sz s04b-sz s05b-sz s06b-sz s07b-sz ? ? ? ? cir- cuits top entry type q ' ty / box dimensions (mm) model no. side entry type side entry type top entry type material and finish contact: brass, tin-plated (reflow treatment) housing: glass-filled pbt, ul94v-0, natural (white) circuit no.1 1 2.5 0.45 4.5 a b 4 2.7 circuit no.1 1 2 0.55 3.5 a b 4.8 2.7 socket rohs compliance side entry type top entry type rohs compliance note: *marked product is not ul approved. as the color identification, the following alphabet shall be put in the underlined part. for availability, delivery and minimum order quantity, contact jst. ex. s03b-szle - (blank)...natural (white) le...light blue shrouded header (through-hole type)
3 b 2 3 4 5 6 7 8 9 10 11 12 13 14 bm02b-srss-tb bm03b-srss-tb bm04b-srss-tb bm05b-srss-tb bm06b-srss-tb bm07b-srss-tb bm08b-srss-tb bm09b-srss-tb bm10b-srss-tb bm11b-srss-tb bm12b-srss-tb bm13b-srss-tb bm14b-srss-tb 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 a sm02b-srss-tb sm03b-srss-tb sm04b-srss-tb sm05b-srss-tb sm06b-srss-tb sm07b-srss-tb sm08b-srss-tb sm09b-srss-tb sm10b-srss-tb sm11b-srss-tb sm12b-srss-tb sm13b-srss-tb sm14b-srss-tb cir- cuits top entry type q ' ty / reel dimensions (mm) model no. side entry type side entry type top entry type material and finish contact: copper alloy, copper-undercoated, tin-plated (reflow treatment) wafer: pa, ul94v-0, natural solder tab: brass, copper-undercoated, tin-plated (reflow treatment)  #    "  "     #  side entry type top entry type rohs compliance this product displays (lf)(sn) on a label. note: 1. the products listed above are supplied on embossed-tape. 2. contact jst for the top entry type headers with suction cap. shrouded header (smt type) sr / sz connector


▲Up To Search▲   

 
Price & Availability of 08SR-3S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X